PART |
Description |
Maker |
AT91SAM7X51207 AT91SAM7X256-CU AT91SAM7X256-AU |
Incorporates the ARM7TDMI ARM Thumb Processor
|
ATMEL Corporation
|
AT91FR4081NBSP AT91FR4081 AT91FR4081-33CI |
AT91 ARM Thumb Microcontrollers From old datasheet system Includes, in a single package, an AT91R40807 16/32-bit RISC microcontroller based on the ARM7TDMI Co
|
ATMEL[ATMEL Corporation]
|
AT91SAM7A1 AT91SAM7A1-AI |
The AT91SAM7A1 features a 36 MIPS ARM7TDMI processor with 4K bytes of SRAM, fully programmable External Bus Interface (EBI) and a ... ARM7TDMI BASED MICROCONTROLLER ARM7TDMI的微控制
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
STR71XF STR712FR0XX STR71XF07 STR711FR1XX STR710FR |
ARM7TDMI 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces(带Flash, USB, CAN 5个定时器, ADC, 10个通信接口的ARM7TDMI 32位MCU) ARM7TDMI2位微控制器的闪存,USB,可5定时器,ADC10通讯接口(带闪存,USB,可5个定时器,ADC10个通信接口的ARM7TDMI2位微控制器) ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
|
STMicroelectronics N.V. 意法半导
|
CXA1211 CXA1211M |
Electronic Volume, This bipolar IC incorporates 2 chnannels.
|
SONY[Sony Corporation]
|
SF14CR-CCD |
color camera incorporates the Sharp 1/4 CCD image sensor 彩色摄像机采用了夏普1 / 4 CCD图像传感
|
AZ Displays, Inc.
|
ADUC702 ADUC7027AST62 ADUC7026BST62 ADUC7021BCP32 |
Precision Analog Microcontroller 12-bit Analog I/O/ ARM7TDMI MCU Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU 32-BIT, FLASH, 45.5 MHz, MICROCONTROLLER, QCC40 Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU 32-BIT, FLASH, 45.5 MHz, MICROCONTROLLER, PQFP80 Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU 32-BIT, FLASH, 45.5 MHz, MICROCONTROLLER, QCC64
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AT91SAM7S256 AT91SAM7S256-AI |
Atmels AT91SAM7S256 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... AT91 ARM THUMB-BASED MICROCONTROLLERS
|
ATMEL Corporation
|
STR710F STR711FR0H6 STR712FR0H6 STR715FR0H6 STR712 |
ARM7TDMI16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES 16/32位微控制器ARM7TDMI的⑩5定时器,ADC0 COMMUNICAT离子接口与闪存,USB,可 ARM7TDMI?/a> 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI?/a> 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
|
STMicroelectronics N.V. 意法半导
|
F4655-1305 |
High-Speed Response MCP Assembly Ideal for High Resolution TOF-MS Detector Incorporates a Two-Stage MCP with 4 μm Channel Diameter High-Speed Response MCP Assembly Ideal for High Resolution TOF-MS Detector Incorporates a Two-Stage MCP with 4 レm Channel Diameter
|
Hamamatsu Corporation
|
AT91SAM7S128 AT91SAM7S128-AI AT91SAM7S12804 |
Atmels AT91SAM7S128 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... THUMB BASED MICROCONTROLLERS AT91 ARM Thumb-based Microcontrollers
|
ATMEL Corporation
|
AT91FR4042NBSP |
Includes, in a single package, an AT91R4008 16/32-bit RISC microcontroller based on the ARM7TDMI cor
|
Atmel Corp
|